Part Number Hot Search : 
TDA73 CY8C20 BU4841 HV8308X TN9138PM TS154 10A40 RN5002
Product Description
Full Text Search
 

To Download EPC1109H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter EPC1109P & EPC1109H
Features 70 % Typical efficiency at full load @ nominial input voltage Regulated Output Enable Low Electrical Specifications
PCA P/N EPC1109P EPC1109H Standard Package E6 E6 Optional Packages E8, E6-G* E8, E7, E6-G* E7-G* Input Voltage V 5.0 10% 5.0 10% Output Voltage V -9.0 5% -9.0 5% Output Current mA Max. 100 Max. 100 Max. Output Ripple & Noise @ 20 MHz BW mV p-p 150 Max. 150 Max. Isolation Vrms 500 2000
Input / Output Isolation Input filter to reduce input ripple current Designed for low common mode noise
Pin Connections for E8
Pin Connections for E6
N/C 13 24 V in23 N/C 13
PACKAGE E8
1.00 White Dot Pin 1 PCA EPC1109PE8 Date Code +5V -9V .600 1.30 Max. .020 Typ. .375 Max .125 Min. .018 Typ. 1.100 .100 Typ. (6 Plcs)
V in24 23
.585 Max.
1 2 3 ENABLE 9 10 V o11 12 1 V in+ 2 3 ENABLE 9 V o12 V o+ V in+ V o+
Pin Connections for E7
V in+ 24 V o- V o+ V in15 14 13
.008 .012 .635 Typ.
1 V in+ 2 ENABLE 10 V o11 12 V o+ V in-
PACKAGE E6
1.00 PCA EPC1109P Date Code +5V -9V .600 1.30 Max. .020 Typ. .375 Max .125 Min. .018 Typ. 1.100 .100 Typ. (3 Plcs) .008 .012 .635 Typ. .300
PACKAGE E7
.900 PCA EPC1109HE7 Date Code +5V -9V .100 Typ. (5 Plcs) .800 1.30 Max. .020 Typ. .375 Max .125 Min. .018 Typ. 1.100 .008 .012 .635 Typ.
.585 Max.
.585 Max.
DSC1109P,H
Rev. 3
9/9/96
QAF-CSO6 Rev. B 9/9/94
Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = 1/32 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791


▲Up To Search▲   

 
Price & Availability of EPC1109H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X